PART |
Description |
Maker |
CDBV6-00340TI-G |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=30mA
|
Comchip Technology
|
1PMT30AT3 1PMT30AT1 1PMT12AT1 1PMT12AT3 1PMT5.0AT1 |
Zener Transient Voltage Suppressor POWERMITE® Package Zener Transient Voltage Suppressor POWERMITE Package 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-216AA
|
ONSEMI[ON Semiconductor]
|
MBR2060CT-G MBR2030CT-G MBR20100CT-G MBR2040CT-G M |
Schottky Barrier Rectifiers Diodes, V<sub>RRM</sub>=40V, V<sub>R</sub>=40V, I<sub>O</sub>=20A SMD Schottky Barrier Rectifiers
|
Comchip Technology
|
1PMT5920BT1 1PMT5920BT3 1PMT5941BT3 1PMT5920B 1PMT |
3.2 Watt Plastic Surface Mount POWERMITE Package 3.2 Watt Plastic Surface Mount POWERMITE Package 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 3.2 Watt Plastic Surface Mount POWERMITE Package 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-216AA 16V 3.2W Zener Diode 6.8V 3.2W Zener Diode 7.5V 3.2W Zener Diode 8.2V 3.2W Zener Diode 9.1V 3.2W Zener Diode 10V 3.2W Zener Diode 12V 3.2W Zener Diode 18V 3.2W Zener Diode 47V 3.2W Zener Diode 27V 3.2W Zener Diode 22V 3.2W Zener Diode 24V 3.2W Zener Diode 30V 3.2W Zener Diode 39V 3.2W Zener Diode 3.2 Watt Plastic Surface Mount POWERMITE? Package
|
ONSEMI[ON Semiconductor]
|
SB120-05H 2513 |
40V, 1.1A Rectifier 40V的,1.1A的整流器 From old datasheet system 40V 1.1A Rectifier 50V, 12A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
1PMT18AT1G 1PMT51AT1G 1PMT58AT1G 1PMT22AT1G 1PMT30 |
Zener Transient Voltage Suppressor POWERMITE Package 齐纳瞬态电压抑制器POWERMITE Zener Transient Voltage Suppressor POWERMITE Package 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-216AA Zener Transient Voltage Suppressor POWERMITE Package 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-216AA
|
ON Semiconductor
|
1N5392-T3 1N5392-TB 1N5399-T3 1N5399-TB 1N5398-TB |
RECT SCHOTTKY 60V 3A POWERMITE3 1.5A SILICON RECTIFIER 1.5A的整流硅 DIODE DUAL SW 75V 350MW SOT-23 1.5A的整流硅
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
DL400111 DL4001-TP DL4002-TP |
1 Amp Glass Passivated Rectifier 50 to 1000 Volts RECT PASSIVATED 1A 50V SMD MELF RECT PASSIVATED 1A 100V SMD MELF
|
Micro Commercial Components
|
CS4391-KZ |
24-Bit / 192 kHz Stereo DAC with Volume Control RECT SCHOTTKY 100V 3A POWERMITE3 SERIAL INPUT LOADING, 24-BIT DAC, PDSO20
|
Cirrus Logic, Inc.
|
CDBFN140-HF CDBFN160-HF |
Halogen Free Schottky Barrier Diodes, V<sub>RRM</sub>=40V, V<sub>R</sub>=40V, I<sub>O</sub>=1A Halogen Free Schottky Barrier Diodes, V-RRM=60V, V-R=60V, I-O=1A
|
Comchip Technology
|